PART |
Description |
Maker |
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
SBR40U45PT |
Super barrier rectifier RECTIFIER SBR DUAL 40A 45V 300A-ifsm 560mV-vf 0.5mA-ir TO-247 50/TUBE 40 A, 45 V, SILICON, RECTIFIER DIODE
|
List of Unclassifed Manufacturers ETC Diodes, Inc.
|
BYV118F BYV118F-35 BYV118F-40 BYV118F-45 BYV118X B |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 10 A, 40 V, SILICON, RECTIFIER DIODE DB-25 MALE CONN KIT CRIMP 10 A, 40 V, SILICON, RECTIFIER DIODE CRIMP SHELLS DB25 MALE 10 A, 35 V, SILICON, RECTIFIER DIODE Rectifier diodes Schottky barrier 10 A, 35 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
FFAF30U20DN FFAF30U20DNTU F30U20DN |
FFAF30U20DN 30A/200V Ultra Fast Recovery Rectifier Ultrafast Recovery Power Rectifier 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SBR4060PT |
RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-247 50/TUBE 40 A, 60 V, SILICON, RECTIFIER DIODE, TO-247 Super barrier rectifier
|
Diodes, Inc. ETC List of Unclassifed Manufacturers
|
1N6842 |
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER 10 A, 60 V, SILICON, RECTIFIER DIODE Schottky Rectifier
|
Microsemi, Corp. Microsemi Corporation
|
UG2004-T UG2007 UG2006 UG2006-T |
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 2A 400V 60A-ifsm 1.3V-vf 50ns 8uA-ir DO-15 4K/REEL-13 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc.
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
MBR1545CT MBR1545CTG MBR1535CTG |
15A 45V Schottky Rectifier; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 7.5 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Rectifier
|
ON Semiconductor
|